Part Number Hot Search : 
GBPC25 300000 G5001 S1205 R0515 BZV55C15 E220K AMC2344
Product Description
Full Text Search
 

To Download M54HC540 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M54HC540
RAD-HARD OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
s
s
s
s
s
s
s
s s
s
s
HIGH SPEED: tPD = 9ns (TYP.) at VCC = 6V LOW POWER DISSIPATION: ICC = 4A(MAX.) at TA=25C HIGH NOISE IMMUNITY: VNIH = VNIL = 28% VCC (MIN.) SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 6mA (MIN) BALANCED PROPAGATION DELAYS: tPLH tPHL WIDE OPERATING VOLTAGE RANGE: VCC (OPR) = 2V to 6V PIN AND FUNCTION COMPATIBLE WITH 54 SERIES 540 SPACE GRADE-1: ESA SCC QUALIFIED 50 krad QUALIFIED, 100 krad AVAILABLE ON REQUEST NO SEL UNDER HIGH LET HEAVY IONS IRRADIATION DEVICE FULLY COMPLIANT WITH SCC-9401-049
DILC-20
FPC-20
ORDER CODES
PACKAGE DILC FPC FM M54HC540D M54HC540K EM M54HC540D1 M54HC540K1
DESCRIPTION The 54HC540 is an advanced high-speed CMOS OCTAL BUS BUFFER (3-STATE) fabricated with silicon C2MOS technology. The M54HC541 is an inverting buffer.
The 3-STATE control gate operates as a two input AND such that if either G1 and G2 are high, all eight output are in the high impedance state. In order to enhance PC board layout the M54HC540 offer a pinout having inputs and outputs on opposite sides of the package. All inputs are equipped with protection circuits against static discharge and transient excess voltage.
PIN CONNECTION
May 2004
Rev. 1
1/11
M54HC540
Figure 1: IEC Logic Symbols
Figure 2: Input And Output Equivalent Circuit
Table 1: Pin Description
PIN N 1, 19 2, 3, 4, 5, 6, 7, 8, 9 18, 17, 16, 15, 14, 13, 12, 11 10 20 SYMBOL G1, G2 A1 to A8 Y1 to Y8 NAME AND FUNCTION Output Enable Inputs Data Inputs Bus Outputs
GND VCC
Ground (0V) Positive Supply Voltage
Table 2: Truth Table
INPUT G1 H X L L
X : Don't Care Z : High Impedance
OUTPUT An X X H L Yn Z Z L H
G2 X H L L
2/11
M54HC540
Table 3: Absolute Maximum Ratings
Symbol VCC VI VO IIK IOK IO PD Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current Power Dissipation Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 35 70 420 -65 to +150 265 Unit V V V mA mA mA mA mW C C
ICC or IGND DC VCC or Ground Current
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied
Table 4: Recommended Operating Conditions
Symbol VCC VI VO Top tr, tf Supply Voltage Input Voltage Output Voltage Operating Temperature Input Rise and Fall Time VCC = 2.0V VCC = 4.5V VCC = 6.0V Parameter Value 2 to 6 0 to VCC 0 to VCC -55 to 125 0 to 1000 0 to 500 0 to 400 Unit V V V C ns ns ns
3/11
M54HC540
Table 5: DC Specifications
Test Condition Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 VOL Low Level Output Voltage 2.0 4.5 6.0 4.5 6.0 II IOZ Input Leakage Current High Impedance Output Leakage Current Quiescent Supply Current 6.0 6.0 6.0 IO=-20 A IO=-20 A IO=-20 A IO=-6.0 mA IO=-7.8 mA IO=20 A IO=20 A IO=20 A IO=6.0 mA IO=7.8 mA VI = VCC or GND VI = VIH or VIL VO = VCC or GND VI = VCC or GND TA = 25C Min. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.18 5.68 2.0 4.5 6.0 4.31 5.8 0.0 0.0 0.0 0.17 0.18 0.1 0.1 0.1 0.26 0.26 0.1 0.5 4 1.9 4.4 5.9 4.13 5.63 0.1 0.1 0.1 0.33 0.33 1 5 40 Typ. Max. Value -40 to 85C Min. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.10 5.60 0.1 0.1 0.1 0.40 0.40 1 10 80 A A A V V Max. -55 to 125C Min. 1.5 3.15 4.2 0.5 1.35 1.8 Max. V Unit
VIH
High Level Input Voltage Low Level Input Voltage High Level Output Voltage
VIL
V
VOH
ICC
4/11
M54HC540
Table 6: AC Electrical Characteristics (CL = 50 pF, Input tr = tf = 6ns)
Test Condition Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 CL (pF) TA = 25C Min. Typ. 25 7 6 40 10 9 56 14 12 47 13 11 61 17 14 52 15 13 Max. 60 12 10 85 17 14 115 23 20 110 22 19 135 27 23 110 22 19 Value -40 to 85C Min. Max. 75 19 13 105 21 18 145 29 25 140 28 24 170 34 29 140 28 24 -55 to 125C Min. Max. 90 18 15 130 26 22 175 35 30 165 33 28 205 41 35 165 33 28 ns Unit
tTLH tTHL Output Transition Time tPLH tPHL Propagation Delay Time
50
50
ns
150
ns
tPZL tPZH High Impedance Output Enable Time
50
RL = 1 K
ns
150
RL = 1 K
ns
tPLZ tPHZ High Impedance Output Disable Time
50
RL = 1 K
ns
Table 7: Capacitive Characteristics
Test Condition Symbol Parameter VCC (V) 5.0 5.0 TA = 25C Min. Typ. 5 31 Max. 10 Value -40 to 85C Min. Max. 10 -55 to 125C Min. Max. 10 pF pF Unit
CIN CPD
Input Capacitance Power Dissipation Capacitance (note 1)
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/8 (per gate)
5/11
M54HC540
Figure 3: Test Circuit
TEST tPLH, tPHL tPZL, tPLZ tPZH, tPHZ
CL = 50pF/150pF or equivalent (includes jig and probe capacitance) R1 = 1K or equivalent RT = ZOUT of pulse generator (typically 50)
SWITCH Open VCC GND
Figure 4: Waveform - Propagation Delay Times (f=1MHz; 50% duty cycle)
6/11
M54HC540
Figure 5: Waveform - Output Enable And Disable Time (f=1MHz; 50% duty cycle)
7/11
M54HC540
DILC-20 MECHANICAL DATA
mm. DIM. MIN. A a1 a2 B b b1 D E e e1 e2 F I K L 11.30 1.14 1.27 22.73 7.62 7.29 2.1 3.00 0.63 1.93 0.40 0.20 25.14 7.36 0.88 2.03 0.45 0.254 25.40 7.62 2.54 22.86 7.87 7.49 22.99 8.12 7.70 3.86 11.56 1.40 0.445 0.045 0.050 0.895 0.300 0.287 TYP MAX. 2.71 3.70 1.14 2.23 0.50 0.30 25.65 7.87 MIN. 0.083 0.118 0.025 0.076 0.016 0.008 0.990 0.290 0.035 0.080 0.018 0.010 1.000 0.300 0.100 0.900 0.310 0.295 0.905 0.320 0.303 0.152 0.455 0.055 TYP. MAX. 0.107 0.146 0.045 0.088 0.020 0.012 1.010 0.310 inch
0016178J
8/11
M54HC540
FPC-20 MECHANICAL DATA
mm. DIM. MIN. A B C D E F G H L M N O P 1.14 0.10 0.38 7.24 24.46 0.45 0.50 7.87 1.27 0.18 1.40 0.25 0.045 0.004 9.98 9.98 1.45 0.10 11.30 TYP 10.16 10.16 1.61 0.127 11.43 1.27 0.43 0.48 8.16 26.67 0.55 0.015 0.285 0.960 0.018 0.020 0.310 0.050 0.007 0.055 0.010 MAX. 10.34 10.34 1.78 0.18 11.56 MIN. 0.393 0.393 0.57 0.004 0.445 TYP. 0.400 0.400 0.63 0.005 0.450 0.050 0.017 0.019 0.320 1.050 0.022 MAX. 0.407 0.407 0.070 0.007 0.455 inch
016032F
9/11
M54HC540
Table 8: Revision History
Date 14-May-2004 Revision 1 First Release Description of Changes
10/11
M54HC540
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics All other names are the property of their respective owners (c) 2004 STMicroelectronics - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
11/11


▲Up To Search▲   

 
Price & Availability of M54HC540

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X